Part Number Hot Search : 
B1658 BT138 MA3D693 TMP47C WM2613 2AMPPJ4 A201EHI SI4012
Product Description
Full Text Search
 

To Download LANE512NDH2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LANEH2 SERIES
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
FEATURES
7 Pin SIP Package 3000VDC Isolation Single and Dual Outputs Unregulated Output Types UL 94V-0 Package Material 3.3, 5, 12, 15, 24, and 48VDC Input Voltages Available
DESCRIPTION
When your application demands low power, minimal board space, and a high level of input/output isolation is necessary, the LANEH2 miniature converters offer superior solutions at an economical price. Users have a multitude of options and operational ratings to choose from in custom-tailoring the converter to application demands. Populating a scant 0.179 square inches of board space, the LANEH2 provides two watts of power while maintaining specifications over the entire commercial operating temperature range.
SPECIFICATIONS: LANEH2 Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .......3.3V nom. input .......... 3.14 - 3.47 VDC 5V nom. input .............. 4.75 - 5.25VDC 12V nom. input ............. 11.4- 12.6VDC 15V nom. Input ........ 14.25 - 15.75VDC 24V nom. input ........... 22.8 - 25.2 VDC 48V nom. input ........... 45.6 - 50.4 VDC
GENERAL SPECIFICATIONS
Switching Frequency ............................................. 100KHz typical Efficiency .....................................................................75% typical Isolation Voltage (input to output) ..............3000VDC (2sec/0.5mA) Isolation Resistance.................................. 1000M min. (500VDC)
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table Output Voltage ................................................................ see table Output Voltage Accuracy ....................................................... 5% Line Regulation ........................................1.2%/1% of Vin (typical) Load Regulation (10% to 100% full load) .......................10% max. Ripple/Noise (20MHz BW) ................................... 150mVp-p max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .............................................. 0C ~ +70C "I" suffix................................................................. -40C ~ +85C Humidity.........................................................95% non-condensing Cooling .............................................................Free air convection
PHYSICAL SPECIFICATIONS
Weight .....................................................Approximately 2.1 grams Case Material......................................non-conductive black plastic Dimensions ...............................19.50(L) x 7.10(W) x 10.00(H) mm
PROTECTION
Short Circuit Protection .................................................Short term
Due to advances in technology, specifications subject to change without notice Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH2 SERIES
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model LANE3.305NH2 LANE3.309NH2 LANE3.312NH2 LANE3.315NH2 LANE3.305NDH2 LANE3.309NDH2 LANE3.312NDH2 LANE3.315NDH2 LANE505NH2 LANE509NH2 LANE512NH2 LANE515NH2 LANE505NDH2 LANE509NDH2 LANE512NDH2 LANE515NDH2 LANE1205NH2 LANE1209NH2 LANE1212NH2 LANE1215NH2 LANE1205NDH2 LANE1209NDH2 LANE1212NDH2 LANE1215NDH2 LANE1505NH2 LANE1509NH2 LANE1512NH2 LANE1515NH2 LANE1505NDH2 LANE1509NDH2 LANE1512NDH2 LANE1515NDH2 LANE2405NH2 LANE2409NH2 LANE2412NH2 LANE2415NH2 LANE2405NDH2 LANE2409NDH2 LANE2412NDH2 LANE2415NDH2 LANE4805NH2 LANE4809NH2 LANE4812NH2 LANE4815NH2 LANE4805NDH2 LANE4809NDH2 LANE4812NDH2 LANE4815NDH2 Input Voltage Range Output Voltage 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC Output Current 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA 400mA 222mA 167mA 133mA 200mA 111mA 83mA 67mA
3.3 VDC (3.135 - 3.465 VDC)
5 VDC (4.75 - 5.25 VDC)
12 VDC (11.4 - 12.6 VDC)
15 VDC (14.25 - 15.75 VDC)
24 VDC (22.8 - 25.2 VDC)
48 VDC (45.6 - 50.4 VDC)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH2 SERIES
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
NOTES
1. For industrial grade operating temperature of -40C ~ +85C add the suffix "I" to the part number. (Ex: LANE2405NH2I). 2. All tolerances for the mechanical drawing are 0.25. 3. Dimensions of the mechanical drawing are shown in millimeters.
DERATING CURVE
"I" Suffix Version
100 90 80 Output Power (%) 70 60 50 40 30 20 10 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 85 100 110 Case Surface Temperature (C )
MECHANICAL DRAWINGS
Unit: mm
PIN CONNECTION
PIN 1 2 5 6 7 SINGLE OUTPUT +Vin -Vin -Vout No Pin +Vout DUAL OUTPUT +Vin -Vin -Vout COM +Vout
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of LANE512NDH2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X